PART |
Description |
Maker |
FDC40-24S12 FDC40-12S05 FDC40-24D12 FDC40-12D15 FD |
CONN,HEADER,GPFA202-0255A07, 2mm,4 CKT,2 ROW,VERTICAL,15u"A CONN,HEADER,GPFA202-0355A07, 2mm,6 CKT,2 ROW,VERTICAL,15u"A PLCC,SMT SOCKET,68-PIN 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0655A07, 2mm,12 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 Isolated and Regulated 40 WATT Modular DC/DC Converters 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0855A07, 2mm,16 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,IDC,PLUG,50 CONTACTS, 1A,SHROUDED W/O EARS 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-2555A07, 2mm,50 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 SOCKET,PLCC,44PIN,SMD 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0755A07, 2mm,14 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0555A07, 2mm,10 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块DC / DC转换 CONN,HEADER,GPFA202-2055A07, 2mm,40 CKT,2 ROW,VERTICAL,15u" 隔离及规40瓦的模块式DC / DC转换
|
Astrodyne, Inc.
|
87369-0300 89400-0520 87369-1300 87369-0900 89400- |
Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
316-93-116-41-013 416-93-216-41-013 316-93-116-41- |
PCB connectors 2.54 mm Single row / double row Solder tail PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾
|
PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
C1227 |
ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 30V的高压BiCMOS工艺1.2毫米双金双聚 From old datasheet system HV BiCMOS 1.2mm 30V Double Metal - Double Poly
|
IMP[IMP, Inc] IMP Inc
|
803-99-016-20-001 801-91-016-20-001 801-91-016-20- |
PCB connectors 2.54 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
801-91-016-53-001 803-93-016-53-001 |
PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
|
Precid-Dip Durtal
|
852-90-016-30-001 852-10-016-30-001 852-90-016-30- |
PCB connectors 1.27 mm Single row / double row Surface mount 电路板连接器1.27毫米单列/双列表面贴装
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
851-99-016-30-001 853-99-016-30-002 851-91-016-30- |
PCB connectors 1.27 mm Single row / double row Surface mount 电路板连接器1.27毫米单列/双列表面贴装
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
890-90-024-20-904 890-90-024-20-903 890-90-024-20- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
310-99-116-41-205 310-99-116-41-105 310-97-116-41- |
PCB connectors 2.54 mm Single row / double row Surface mount 电路板连接器2.54毫米单列/双列表面贴装
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
714-91-116-41-014 714-99-116-41-014 712-91-116-41- |
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail 电路板连接器组件2.54毫米承运人单双列焊尾
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
714-93-108-31-018 714-99-108-31-018 714-91-108-31- |
PCB connectors carrier assemblies 2.54 mm Single row / double row Solder tail / press-fit 电路板连接器组件2.54毫米承运人单双列焊尾/压接
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
|